PART |
Description |
Maker |
ADUC814BRU ADUC814ARU ADUC814ARU-REEL ADUC814ARU-R |
MicroConverter/ Small Package 12-Bit ADC with Embedded Flash MCU Circular Connector; No. of Contacts:61; Series:LJT07R; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:25; Circular Contact Gender:Pin; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:25-61 Circular Connector; No. of Contacts:56; Series:LJT07R; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:25; Circular Contact Gender:Pin; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:25-4 MicroConverter, Small Package 12-Bit ADC with Embedded Flash MCU 8-BIT, FLASH, 16.78 MHz, MICROCONTROLLER, PDSO28 MicroConverter, Small Package 12-Bit ADC with Embedded Flash MCU MicroConverter的,小包2位ADC,嵌入式闪存MCU MicroConverter?, Small Package 12-Bit ADC with Embedded Flash MCU
|
Analog Devices, Inc. ANALOG DEVICES INC
|
AFP02N8-000 |
X BAND, Si, N-CHANNEL, RF SMALL SIGNAL, HEMFET Circular Connector; No. of Contacts:11; Series:MS27467; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:19; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:19-11 RoHS Compliant: No General Purpose PHEMT Chip
|
Alpha Industries, Inc. ALPHA[Alpha Industries] Alpha Industries Inc
|
DCX124EU DCX124EU-7 DCX114TU-7 DCX114TU DCX114YU-7 |
HDR P R 12P PW N 1X12.100TQ 30 mA, 50 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR Redel 1P/ Female Solder 互补NPN /进步党预偏置信号小的SOT - 363双表面贴装晶体管 REDEL 1P Series 互补NPN /进步党预偏置信号小的SOT - 363双表面贴装晶体管 CONNECTOR, HEADER, 3 PIN SINGLE ROW 50 mA, 50 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
|
Diodes, Inc. Diodes Inc. DIODES[Diodes Incorporated]
|
UPD75P3018AGK-BE9 UPD75P3018AGK-9EU |
Circular Connector; No. of Contacts:56; Series:MS27467; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:25; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:25-4 RoHS Compliant: No LJT 46C 40#20 4#16 2#8(COAX) 4位单片机 4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER 4位单片机的小型通用红外遥控
|
NEC Corp. NEC, Corp.
|
2N3906 2N3904 2N3417 2N4123 2N4125 2N4124 2N4400 2 |
Small Signal Transistors 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 ; Connector Type A:TX6 PLUS Modular Plug; Cable Length:10ft; Color:Off-white Leaded Small Signal Transistor General Purpose
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
IAS010ZG IAS012ZJ IAS006ZE IAS012YG IAS012YH IAS01 |
IAS SERIES - 12 WATT Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT07; Number of Contacts:41; Connector Shell Size:20; Connecting Termination:Solder; Circular Shell Style:Jam Nut Receptacle 1-OUTPUT 12 W DC-DC REG PWR SUPPLY MODULE
|
POWER-ONE INC POWER-ONE[Power-One] Power-One, Inc.
|
43045-1208 43045-1806 43045-1608 43045-2406 43045- |
Header; No. of Contacts:12; Pitch Spacing:3mm; No. of Rows:2; Series:Micro-Fit; Connector Body Material:Polymer; Mounting Type:PC Board; Terminal Type:Right Angle Surface Mount RoHS Compliant: Yes POWER CONNECTOR 430451806 POWER CONNECTOR 430451608 POWER CONNECTOR Microfit 3.0 RA SMT/Clip DR Tin 24 Ckt POWER CONNECTOR 430450206 POWER CONNECTOR
|
Molex, Inc.
|
STB80NF03L-04 |
Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Metal; Series:PC C-26482 Series I; No. of Contacts:2; Connector Shell Size:8; Connecting Termination:Solder; Circular Shell Style:Wall Mount Receptacle N-CHANNEL 30V - 0.0035 ohm - 80A TO-262/TO-263 STripFET POWER MOSFET
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|
BB659C Q62702-B0884 Q62702-B0880 |
Circular Connector; MIL SPEC:MIL-DTL-38999 Series III; Body Material:Metal; Series:TV07; Number of Contacts:13; Connector Shell Size:11; Connecting Termination:Crimp; Circular Shell Style:Jam Nut Receptacle; Body Style:Straight Silicon Variable Capacitance Diode (For VHF-TV-tuners High capacitance ratio Low series inductance Low series resistance) 硅变容二极管(甚高频电视信号接收器高电容率低串联电感低串联电阻) From old datasheet system
|
SIEMENS AG Siemens Group Infineon SIEMENS[Siemens Semiconductor Group]
|
464 046406.3 04641.25 04643.15 046401.6 046402.5 0 |
DC-DC Converter; Supply Voltage:48V; Output Voltage:12V; Number of Outputs:1; Power Rating:300W; Mounting Type:PC Board; Efficiency:94%; External Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT01; No. of Contacts:18; Connector Shell Size:14; Connecting Termination:Solder; Circular Shell Style:Cable Receptacle; Body Style:Straight Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT01; No. of Contacts:15; Connector Shell Size:14; Connecting Termination:Solder; Circular Shell Style:Cable Receptacle; Body Style:Straight Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT01; Number of Contacts:18; Connector Shell Size:14; Connecting Termination:Solder; Circular Shell Style:Cable Receptacle Circular Connector; No. of Contacts:4; Series:; Body Material:Aluminum; Connecting Termination:Solder; Connector Shell Size:12; Circular Contact Gender:Socket; Circular Shell Style:Cable Receptacle; Insert Arrangement:12-4 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT01; Number of Contacts:5; Connector Shell Size:14; Connecting Termination:Solder; Circular Shell Style:Cable Receptacle 表面贴装保险超小型表面贴
|
Littelfuse, Inc.
|
V23818-N15-L356 V23818-N15-L356-C V23818-M305-L57 |
Small Form Factor Multimode 850 nm 2.125 and 1.0625 GBd Fibre Channel 2x5 Transceiver with LCConnector Small Form Factor Single Mode 1300 nm Multirate up to 2.5 Gbit/s Transceiver 2x10 Pinning with LC Connector/ with Collar Transceivers by Form-factor MSA - Multimode 850nm VCSEL TRX Small Form Factor Single Mode 1300 nm Multirate up to 2.5 Gbit/s Transceiver 2x5/2x10 Pinning with LC Connector SMALL FORM FACTOR MULTIMODE 850 NM 2.125 AND 1.0625 GBD FIBRE CHANNEL 2X5 TRANSCEIVER WITH LC⒙ CONNECTOR Small Form Factor Multimode 850 nm 2.125 and 1.0625 GBd Fibre Channel 2x5 Transceiver with LC Connector
|
Infineon Technologies AG
|